embedded box pcs features ark-6320 intel ? atom? d510/d525 cost-effective mini-itx fanless embedded box pc ? built-in intel ? atom? processor d510 1.66 ghz/d525 1.8ghz ? comprehensive i/o: dual gigabit ethernet, 8 x usb, 6 x com, 1 x vga, and audio ? mini pcie expansion slot ? accepts dc12 v input ? anti-vibration design for 2.5" hdd-bay to ensure maximum reliability ? built-in mounting bracket supports wall and table-mounting, with optional vesa mounting bracket ? supports susiaccess and embedded software apis specifcations ARK-6320-6M01E ark-6320-6m02e processor system cpu intel atom processor d510 1.66 ghz intel atom processor d525 1.8 ghz system chipset intel ich8-m bios ami 16 mbit spi flash memory technology single channel ddr2 667 mhz single channel ddr3 1066/1333 mhz max. capacity 2 gb 4 gb socket 1 x 200-pin so-dimm 2 x 204-pin so-dimm graphics chipset embedded gen 3.5 + gfx core vram optimized shared memory architecture up to 224 mb system memory interface vga: supports up to 2048 x 1536 @ 60 hz lvds: single channel 18-bit up to 1366 x 768 (optional) vga: supports up to 2048 x 1536 @ 60 hz dvi: supports up to 1600 x 1200 lvds: single channel 18/24-bit up to 1366 x 768 (optional) dual display vga+lvds vga+dvi ethernet lan1 10/100/1000 mbps intel 82567v giga ethernet controller, support wake on lan lan2 10/100/1000 mbps intel 82583v giga ethernet controller, support wake on lan audio interfaces line-in, line-out, mic-in io interface serial ports 5 x rs232, 1 x rs232/422/485 usb interface 8 x usb ports, usb 2.0 compliant watchdog timer programmable, 1~255 sec/min storage hdd supports one drive bay space for sata 2.5" hdd (support 9.5mm height only) ssd supports one internal compactflash socket for type i/ii compactflash disk expansion minipcie 1 x minipcie software support microsoft windows win 7, xp professional, xp embedded power requirement power type atx power input votage 12v minimum power input dc 12v @ 3.75a power adapter ac-to-dc, 60w dc12v/5a (optional) power consumption typical 23 w (with intel atom d525 1.8 ghz) max. 37 w (with intel atom d525 1.8 ghz) mechanical construction aluminum housing mounting desk/wall-mounting dimensions (w x h x d) 200 x 73 x 200 mm (7.9" x 2.9" x 7.9") weight 4.14 kg (8.8 lb) environment operating temperature 0 ~ 40 c with 2.5" hdd, 0.7m/sec air fow storage temperature - 40 ~ 85 c (-40 ~185 f) relative humidity 10 ~ 85% @ 50 c, non-condensing vibration loading during operation with 2.5-inch hdd: 0.5 grms, iec 60068-2-64, random, 5 ~ 500 hz, 1 oct./min, 1 hr/axis shock during operation with 2.5-inch hdd: 20 g, iec 60068-2-27, half sine, 11 ms duration emc ce, fcc, ccc, bsmi ce, fcc, ccc, bsmi safety certifcations ccc, bsmi, ul ccc, bsmi listed e180881 c ? u l us rohs compliant 2002/95/ec all product specifications are subject to change without notice last updated : 20-jun-2012
www.advantech.com/products online download unit: mm (inch) dimensions unit: mm (inch) ark-6320 packing list part number description - 1 x ark-6320 unit - 1 x driver/utility cd/manual - 1 x traditional chinese user manual for ccc - 1 x china rohs sheet 2960014487t001 2 x mounting bracket 1990005896s000 4 x rubber foot pad 1939000410 4 x screw for rubber foot pad 1930002235 4 x screw for hard drive mounting 2000017557 1 x io label sticker ordering information part number description ARK-6320-6M01E intel atom d510 1.66 ghz with vga, 2 x gbe, 8 x usb ports, 6 x com ports, audio ark-6320-6m02e intel atom d525 1.8 ghz with vga, dvi, 2 x gbe, 8 x usb ports, 6 x com ports, audio optional accessories external ac-to-dc adapter and accessories part number description 1757003934 ac to dc adapter, dc12v/60w 989k008732 vesa mounting plate for ark-6620/6310/6320 2070010875 wes 2009 eng for ARK-6320-6M01E 2070010897 wes 2009 mui 24 for ARK-6320-6M01E 2070010707 wes7 eng 32 bit for ARK-6320-6M01E 2070010896 wes 2009 eng for ark-6320-6m02e 2070010933 wes 2009 mui 24 for ark-6320-6m02e 2070010932 wes7 eng 32 bit for ark-6320-6m02e front panel external i/o mechanical layout/drawing rear panel external i/o mechanical layout/drawing thermal led hdd led pwr on/off antenna inverter lvds usb 6 coms dual gbe 4 usb vga dc12v input antenna audio dio thermal led hdd led pwr on/off antenna inverter lvds usb 6 coms dual gbe 4 usb vga dc12v input antenna audio dio ARK-6320-6M01E ARK-6320-6M01E 200[7.87] 73[2.87] 200[7.87]
|